PART |
Description |
Maker |
STE2004S STE2004SDIE2 |
Execution Time (ns): 41.7 (@24MHz); Operating Frequency / Supply Voltage: 24MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C 102 x 65 single-chip LCD controller/driver
|
意法半导
|
PY14 H3YN-2-DC24 PYF08F |
Miniature Timer with Multiple Time Ranges and Multiple Operating Modes
|
Omron Electronics LLC
|
2203 2222 2210 2221 2208 2207 2202 2215 2219 2217 |
high Current Toroid Inductors 高电流环形电感器 General Purpose :22.9ozf; Operating Force Min:7.1ozf; Operating Position:0.625/0.657 in RoHS Compliant: Yes Snap Action Basic Switch; Contact Current Max:15A; Switch Terminals:Screw; Actuator Style:Roller Lever; Leaded Process Compatible:Yes; Operating Force:3.5ozf; Operating Force Max:3.5ozf; Operating Force Min:0.8ozf RoHS Compliant: Yes Compact SPDT on/on, black/black
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] Gilway Technical Lamp N/A JW Miller
|
ZF-1519-3 |
Operating Voltage= 115/240 Vac Operating Current Max= 3.0 amp
|
JMK Inc.
|
HH-1199-6C |
Operating Voltage: 125 / 250 v~ Operating Current (Max): 6.0 AMP
|
JMK Inc.
|
AA-0221-20 |
Operating voltage = 115/250 Vac Operating current = 20 Amp
|
JMK Inc.
|
FF-1069A-3B |
Operating voltage = 125 / 250 Vac Operating current = 3 Amps
|
JMK Inc.
|
DN6849TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
DN6848TE |
Hall IC(Operating Temperature Range Topr = - 40 to -100C, Operating in Alternative Magnetic Field)
|
Panasonic
|
DN6852 |
Hall IC(Operating Supply Voltage Range VCC=3.6 to 16V, Operating in Alternative Magnetic Field)
|
PANASONIC[Panasonic Semiconductor]
|